Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM30T180CAY Datasheet(PDF) 13 Page - STMicroelectronics

Part # SM30T180CAY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T180CAY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SM30T180CAY Datasheet HTML 8Page - STMicroelectronics SM30T180CAY Datasheet HTML 9Page - STMicroelectronics SM30T180CAY Datasheet HTML 10Page - STMicroelectronics SM30T180CAY Datasheet HTML 11Page - STMicroelectronics SM30T180CAY Datasheet HTML 12Page - STMicroelectronics SM30T180CAY Datasheet HTML 13Page - STMicroelectronics SM30T180CAY Datasheet HTML 14Page - STMicroelectronics SM30T180CAY Datasheet HTML 15Page - STMicroelectronics SM30T180CAY Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
4
Ordering information
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SM30TxxAY/CAY(1)
See Table 6. Marking.
SMC
0.25 g
2500
Tape and reel
1. Where xx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version.
SM30TxxAY, SM30TxxCAY
Ordering information
DS8599 - Rev 12
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com