Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2112CT/1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2112CT/1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2112CT/1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2112CT/1 Datasheet HTML 6Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 7Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 8Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 9Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 10Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 11Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 12Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 13Page - NXP Semiconductors PCF2112CT/1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
10 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
10. Static characteristics
[1]
Outputs open; C-bus inactive; see Figure 13.
[2]
Resets all logic, when VDD <VPOR.
[3]
Periodically sampled (not 100 % tested).
[4]
Outputs measured one at a time.
Table 6.
Static characteristics
VDD =2.25Vto6.0V; VSS =0V; Tamb = 40 C to +80 C; RO =1M; CO = 680 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.25
-
6.0
V
IDD
supply current
[1] -20
50
A
Tamb =25 C
[1] -20
30
A
VPOR
power-on reset voltage
[2] -1.0
1.6
V
Inputs CLB, DATA and DLEN
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V
ILI
input leakage current
VI =VSS or VDD
--
1
A
Ci
input capacitance
[3] --
10
pF
Input OSC
Iosc
oscillator start-up current
VI =VSS
0.5
1.2
5.0
A
LCD outputs
VBP
voltage on pin BP
-
20
-
mV
ZO(BP)
backplane driver output
impedance
VDD =5 V
[4] -0.5
5.0
k
ZO(S)
segment driver output
impedance
VDD =5 V
[4] -1
7
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com