Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF321A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF321A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button AT25DF321A Datasheet HTML 2Page - Renesas Technology Corp AT25DF321A Datasheet HTML 3Page - Renesas Technology Corp AT25DF321A Datasheet HTML 4Page - Renesas Technology Corp AT25DF321A Datasheet HTML 5Page - Renesas Technology Corp AT25DF321A Datasheet HTML 6Page - Renesas Technology Corp AT25DF321A Datasheet HTML 7Page - Renesas Technology Corp AT25DF321A Datasheet HTML 8Page - Renesas Technology Corp AT25DF321A Datasheet HTML 9Page - Renesas Technology Corp AT25DF321A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
3686I–DFLASH–02/2019
AT25DF321A
5.
Device Operation
The AT25DF321A is controlled by a set of instructions that are sent from a host controller, commonly referred to as the SPI
Master. The SPI Master communicates with the AT25DF321A via the SPI bus which is comprised of four signal lines: Chip
Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The AT25DF321A features a dual-input program mode in which the SO pin becomes an input. Similarly, the device also
features a dual-output read mode in which the SI pin becomes an output. In the Dual-Input Byte/Page Program command
description, the SO pin will be referred to as the SOI (Serial Output/Input) pin, and in the Dual-Output Read Array command,
the SI pin will be referenced as the SIO (Serial Input/Output) pin.
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode differing in respect to the SCK
polarity and phase and how the polarity and phase control the flow of data on the SPI bus. The AT25DF321A supports the two
most common modes, SPI Modes 0 and 3. The only difference between SPI Modes 0 and 3 is the polarity of the SCK signal
when in the inactive state (when the SPI Master is in standby mode and not transferring any data). With SPI Modes 0 and 3,
data is always latched in on the rising edge of SCK and always output on the falling edge of SCK.
Figure 5-1. SPI Mode 0 and 3
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been asserted, the
host controller must then clock out a valid 8-bit opcode on the SPI bus. Following the opcode, instruction dependent
information such as address and data bytes would then be clocked out by the host controller. All opcode, address, and data
bytes are transferred with the most-significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25DF321A will be ignored by the device and no operation will be started. The device will
continue to ignore any data presented on the SI pin until the start of the next operation (CS pin being deasserted and then
reasserted). In addition, if the CS pin is deasserted before complete opcode and address information is sent to the device, then
no operation will be performed and the device will simply return to the idle state and wait for the next operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-A0. Since the
upper address limit of the AT25DF321A memory array is 3FFFFFh, address bits A23-A22 are always ignored by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com