Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMB-927 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-927
Description  Dual LGA4677 Intel® 4th Gen Xeon® Scalable EATX Server Board with 16 DDR5, 4 PCIe x16, 9 SATA3.0, 6 USB 3.2 (Gen1), Dual 10GbE, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-927 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-927 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-927 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-927
Block Diagram
ASMB-927T2-00A1
Ordering Information
Part Number
Chipset
Memory
GbE/10GbE LAN
IPMI
Graphics
ASMB-927T2-00A1
C741
16 x DDR5 RDIMM
-/2
Yes
AST2600
Packing List
Part Number
Description
Quantity
2042092700
Startup manual
x 1
1700003194
SATA data cables
x 1
1700022749-11
SATA power cables
x 1
1700019748
CPU power cable
x 2
1930005673-11
Screw for M.2 device
x 1
1960105615T001
I/O shield
x 1
1651003739-01
LGA4677 CPU carrier
x 2
I/O View
Optional Accessories
Part Number
Description
PCA-AUDIO-HDB1E
HD audio card
1970005276T001
LGA4677 CPU cooler for 2U/4U chassis (205W)
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1700020277-01
Dual port USB 3.2 (Gen1) cable (30 cm) with bracket
1701090401
COM port cable (40 cm) with bracket
1700019268-11
PS/2 port cable (35 cm)
1960063434N000
Cable bracket for 1700019268-11
Note: PCA-AUDIO-HDB1E is not compatible with Advantech 3U chassis.
Intel LGA 4677
4th Gen Xeon
Scalable Processors
(CPU1)
Intel LGA 4677
4th Gen Xeon
Scalable Processors
(CPU0)
UPI Port0: 16GT/s
UPI Port1: 16GT/s
UPI Port2: 16GT/s
Channel 0
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 0
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 1
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 1
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 2
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 2
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 3
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 3
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 4
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 4
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 5
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 5
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 6
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 6
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
Channel 7
Channel 7
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
ECC DDR5 RDIMM 3200/3600/4000/4400/4800
PCIe x8 Slot
PCIe Gen5 x8
Slot 2
PCIe x8 Slot
PCIe Gen5 x8
Slot 4
PCIe x16 Slot
PCIe Gen5 x16
Slot 6
PCIe x16 Slot
PCIe Gen5 x16
Slot 1
PCIe x16 Slot
PCIe Gen5 x16
Slot 3
PCIe x16 Slot
PCIe Gen5 x16
PCIe Gen3 x4
Slot 5
SATA3.0
SSATA
PCIe Gen3 x4
Intel Emmitsburg
PCH
LAN1/LAN2
Intel X710-AT2
USB 3.2 Gen1
6 x USB3.2 Gen1
(4 Rear / 2 onboard)
USB 2.0
3 x USB2.0
(2 onboard / 1 type A)
1 x M.2
2242/2280
BMC_LAN
RTL8211FSI
MDI
RJ45
100M/1G/10G
MDI
RJ45
100M/1G/10G
MDI
RJ45
10M/100M
USB 2.0
PCIe Gen2 x1
eSPI BUS
BMC
AST2600
DDR4
DRAM
SPI
SPI Flash 32MB
RGB
VGA Conn.
eSPI Conn.
EC
IT5121VG
SPI BIOS
2 x RS-232 Header/Conn.
8 bit GPIO Pin Header
PS/2 KB, MS
7 x FAN Conn.
SATA3.0
1 x SATA3
8 x SATA3 (Mini SAS HD)
HD Audio
HD Conn.
SPI BUS
TPM
SLB9670VQ2
256 MB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com