Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6231RT-E/OT Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6231RT-E/OT
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/OT Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6231RT-E/OT Datasheet HTML 2Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 3Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 9Page - Microchip Technology MCP6231RT-E/OT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP6231/2
DS21881B-page 6
 2004 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-13:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-14:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-15:
Output Voltage Swing vs.
Frequency.
FIGURE 2-16:
Small Signal Non-Inverting
Pulse Response.
FIGURE 2-17:
Large Signal Non-Inverting
Pulse Response.
FIGURE 2-18:
Quiescent Current vs.
Power Supply Voltage.
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, V
DD = 5.5 V
Rising Edge, V
DD = 5.5 V
Rising Edge, VDD = 1.8 V
Falling Edge, VDD = 1.8 V
1
10
100
1,000
0.0001
0.001
0.01
0.1
1
10
Output Current Magnitude (A)
VDD -VOH
10µ
10m
1m
100µ
VOL -VSS
1µ
0.1µ
0.1
1
10
1000
10000
100000
1000000
Frequency (Hz)
V
DD = 5.5 V
1k
10k
100k
1M
V
DD = 1.8 V
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
120.00
-9.E+00
1.E+00
1.E+01
2.E+01
3.E+01
Time (1 µs/div)
G= +1 V/V
RL =10 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-2.E+01
0.E+00
2.E+01
4.E+01
6.E+01
8.E+01
1.E+02
1.E+02
1.E+02
Time (20 µs/div)
G= +1 V/V
0
5
10
15
20
25
30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
V
CM = VDD - 0.5
TA = +125°C
T
A = +85°C
T
A = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com