Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALED7709ATR Datasheet(PDF) 34 Page - STMicroelectronics

Part # ALED7709ATR
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709ATR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ALED7709ATR Datasheet HTML 30Page - STMicroelectronics ALED7709ATR Datasheet HTML 31Page - STMicroelectronics ALED7709ATR Datasheet HTML 32Page - STMicroelectronics ALED7709ATR Datasheet HTML 33Page - STMicroelectronics ALED7709ATR Datasheet HTML 34Page - STMicroelectronics ALED7709ATR Datasheet HTML 35Page - STMicroelectronics ALED7709ATR Datasheet HTML 36Page - STMicroelectronics ALED7709ATR Datasheet HTML 37Page - STMicroelectronics ALED7709ATR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
7.14
Table of different working modes
Table 15. DIMCFG bit settings for different working modes
DIMCFG bits setting
Mode
Notes
Reg_PWMI = 0
(PWMI control; acts
as PWM1 global)
FDIM[2:0] = xxx
(Dimming frequency
depends on PWMI
signal)
GLDM = 0
(GLOBAL; GAIN1 is
global)
UMDM = 0 (USER;
GAIN1 can be
modified by Reg)
PWM_DRCT = 0
LECC = 0
M1
LECC = 1
M2
PWMI_DRCT = 1
LECC = x
M3
In PWMI direct
control, linear
and exponential
conversion have no
meaning
UMDM = 1 (MIXED;
GAIN1 is controlled
by PWMI)
PWMI_DRCT = 0
LECC = 0
M4
In mixed mode only
global dimming is
possible
LECC = 1
M5
GLDM = 1 (LOCAL;
GAINx are active)
UMDM = 0 (LOCAL
can be only USER;
GAINx can be
modified by Reg)
PWM_DRCT = 0
LECC = 0
M6
LECC = 1
M7
PWMI_DRCT = 1
LECC = x
M8
In PWMI direct
control, linear
and exponential
conversion have no
meaning
Reg_PWMI = 1
(Register control;
PWM and GAIN
are fully adjustable
depending on
other bit settings)
FDIM[2:0] = SET
(Dimming frequency
is defined by Reg
value)
GLDM = 0
(GLOBAL; PWM1
and GAIN1 are
global)
UMDM = 0 (USER;
PWM1 and GAIN1
can be modified by
Reg)
PWMI_DRCT = x
LECC = 0
M9
LECC = 1
M10
UMDM = 1 (MIXED;
PWM1 value acts
as Bright and
control both Digital
and Analog output
values)
LECC = 0
M11
In mixed mode only
global dimming is
possible
LECC = 1
M12
GLDM = 1 (LOCAL;
PWMx and GAINx
are active and fully
independent)
UMDM = 0 (LOCAL
can be only USER;
PWMx and GAINx
can be modified by
Reg)
LECC = 0
M13
LECC = 1
M14
Following the description of each working mode, the value of DIMCFG to set the corresponding working mode is
reported in the section title. The value is in binary, the bits written as “x” mean “don’t care”, the ones written as “X”
mean “customer setting”, this is mainly related to FDIM[2:0] bits.
7.14.1
Working mode M1 (Reg DIMCFG = 00xxx000b)
PWMI is sampled to recover duty-cycle and frequency to be applied to all the outputs; frequency is set as for
Table 13 while duty-cycle sets the output pulse duration following the linear curve.
All the outputs go to OFF if the PWMI signal stays at LOW level for more than 20 ms.
Current is set for all the channels by the register GAIN1 value.
7.14.2
Working mode M2 (Reg DIMCFG = 00xxx100b)
PWMI is sampled to recover duty-cycle and frequency to be applied to all the outputs; frequency is set as for
Table 13 while duty-cycle sets the output pulse duration following the exponential curve.
All the outputs go to OFF if the PWMI signal stays at LOW level for more than 20 ms.
Current is set for all the channels by the register GAIN1 value.
ALED7709
Table of different working modes
DS14214 - Rev 1
page 34/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com