Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM330LHBTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 5Page - STMicroelectronics ASM330LHBTR Datasheet HTML 6Page - STMicroelectronics ASM330LHBTR Datasheet HTML 7Page - STMicroelectronics ASM330LHBTR Datasheet HTML 8Page - STMicroelectronics ASM330LHBTR Datasheet HTML 9Page - STMicroelectronics ASM330LHBTR Datasheet HTML 10Page - STMicroelectronics ASM330LHBTR Datasheet HTML 11Page - STMicroelectronics ASM330LHBTR Datasheet HTML 12Page - STMicroelectronics ASM330LHBTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
4
Module specifications
4.1
Mechanical characteristics
@Vdd = 3.0 V, T = -40 °C to +105 °C, up to gyroscope FS = ±2000 dps unless otherwise noted.
The product is factory calibrated at 3.0 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 2. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration measurement range
±2
g
±4
±8
±16
G_FS
Angular rate measurement range
±125
dps
±250
±500
±1000
±2000
±4000
LA_So
Linear acceleration sensitivity
@LA_FS = ±2 g
0.061
mg/LSB
@LA_FS = ±4 g
0.122
@LA_FS = ±8 g
0.244
@LA_FS = ±16 g
0.488
G_So
Angular rate sensitivity
@G_FS = ±125 dps
4.37
mdps/LSB
@G_FS = ±250 dps
8.75
@G_FS = ±500 dps
17.5
@G_FS = ±1000 dps
35.0
@G_FS = ±2000 dps
70.0
@G_FS = ±4000 dps
140.0
LA_So%
Sensitivity tolerance(2)
@25 °C
±2
%
Sensitivity tolerance - long term(3)
-6
+6
%
G_So%
Sensitivity tolerance(2)
@25 °C
±2
%
Sensitivity tolerance - long term(3)
-8
+8
%
LA_SoDr
Linear acceleration sensitivity change vs. temperature
±100
ppm/°C
G_SoDr
Angular rate sensitivity change vs. temperature
±70
ppm/°C
LA_TyOff
Linear acceleration zero-g level offset accuracy(2)
@25 °C
±20
mg
LA_Off
Linear acceleration offset accuracy - long term(3)
-150
+150
mg
G_TyOff
Angular rate zero-rate level accuracy(2)
@25 °C
±2
dps
G_Off
Angular rate offset accuracy - long term(3)
-7
+7
dps
LA_TCOff Linear acceleration zero-g level change vs. temperature
±0.10
mg/°C
G_TCOff
Angular rate typical zero-rate level change vs. temperature
±0.005
dps/°C
LA_Cx
Linear acceleration cross-axis sensitivity
@25 °C
±1
%
ASM330LHB
Module specifications
DS13773 - Rev 7
page 9/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com