Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BALFHB-WL-06D3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BALFHB-WL-06D3
Description  50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALFHB-WL-06D3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BALFHB-WL-06D3 Datasheet HTML 5Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 6Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 7Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 8Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 9Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 10Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 11Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 12Page - STMicroelectronics BALFHB-WL-06D3 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3.2
Stencil opening design
Figure 14. Footprint - 3 mils stencil -non solder mask
defined
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
340 µm maximum
Solder stencil opening:
220 µm recommended
Figure 15. Footprint - 3 mils stencil - solder mask defined
Copper pad diameter:
220 µm recommended
180 µm minimum
260 µm maximum
Solder mask opening:
320 µm recommended
300 µm minimum
Solder stencil opening:
220 µm recommended
3.3
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Use solder paste with fine particles: powder particle size 20-38 µm.
3.4
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not the outline
centering
3.
Standard tolerance of ±0.05 mm is recommended.
4.
1.0 N placement force is recommended. Too much placement force can lead to squeezed out solder paste
and cause solder joints to short. Too low placement force can lead to insufficient contact between package
and solder paste that could cause open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be performed with a high
resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is recommended during solder
paste printing, pick and place and reflow soldering by using optimized tools.
3.5
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open vias.
2.
The position of tracks and open vias in the solder area should be well balanced. A symmetrical layout is
recommended, to avoid any tilt phenomena caused by asymmetrical solder paste due to solder flow away.
BALFHB-WL-06D3
Stencil opening design
DS14107 - Rev 2
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com