Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-332AC Datasheet(PDF) 41 Page - STMicroelectronics

Part # BLUENRG-332AC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332AC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button BLUENRG-332AC Datasheet HTML 37Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 38Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 39Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 40Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 41Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 42Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 43Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 44Page - STMicroelectronics BLUENRG-332AC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
C/IBlock
Interfering signal frequency 3000 MHz –
12.75 GHz
Wanted signal= -67 dBm, PER <
30.8%, measurement resolution 25
MHz
-
10
-
dB
Intermodulation characteristics (CW signal at f1, BLE interfering signal at f2)
P_IM(6)
Input power of IM interferer at 6 and 12
MHz distance from wanted signal
Wanted signal= -64 dBm, PER < 30.8%
-
-27
-
dBm
P_IM(-6)
Input power of IM interferer at -6 and -12
MHz distance from wanted signal
Wanted signal= -64 dBm, PER < 30.8%
-
-30
-
dBm
P_IM(8)
Input power of IM interferer at ±8 and ±16
MHz distance from wanted signal
Wanted signal= -64 dBm, PER < 30.8%
-
-30
-
dBm
P_IM(10)
Input power of IM interferer at ±10 and
±20 MHz distance from wanted signal
Wanted signal= -64 dBm, PER < 30.8%
-
-28
-
dBm
Table 22. Bluetooth Low Energy RF receiver characteristics at 1 Msym/s LE coded (S=2)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
RXSENS
Sensitivity
PER < 30.8%
-
-100
-
dBm
PSAT
Saturation
PER < 30.8%
8
-
dBm
ZRF1
Optimum RF source
(impedance at RF1 pin)
@ 2440 MHz
40
-
Ω
RF selectivity with BLE equal modulation on interfering signal
C/ICO-channel
Co-channel interference
fRX = finterference
Wanted signal = -79 dBm, PER < 30.8%
-
2
-
dBc
C/I1 MHz
Adjacent interference
finterference = fRX ± 1 MHz
Wanted signal = -79 dBm, PER < 30.8%
-5
-
dBc
C/I2 MHz
Adjacent interference
finterference = fRX ± 2 MHz
Wanted signal = -79 dBm, PER < 30.8%
-38
-
dBc
C/I3 MHz
Adjacent interference
finterference = fRX ± (3+n) MHz
[n = 0,1,2…]
Wanted signal = -79 dBm, PER < 30.8%
-50
-
dBc
C/IImage
Image frequency interference
finterference = fimage
Wanted signal = -79 dBm, PER < 30.8%
-30
-
dBc
C/IImage±1 MHz
Adjacent channel-to-image frequency
Wanted signal = -79 dBm, PER < 30.8%
-34
-
dBc
finterference = fimage ± 1 MHz
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 41/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com