Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO808A-1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ISO808A-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ISO808A-1 Datasheet HTML 5Page - STMicroelectronics ISO808A-1 Datasheet HTML 6Page - STMicroelectronics ISO808A-1 Datasheet HTML 7Page - STMicroelectronics ISO808A-1 Datasheet HTML 8Page - STMicroelectronics ISO808A-1 Datasheet HTML 9Page - STMicroelectronics ISO808A-1 Datasheet HTML 10Page - STMicroelectronics ISO808A-1 Datasheet HTML 11Page - STMicroelectronics ISO808A-1 Datasheet HTML 12Page - STMicroelectronics ISO808A-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Table 6. Diagnostic pin and output protection function
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VFAULT FAULT pin open drain voltage output low
IFAULT = 5 mA
0.4
V
ILFAULT FAULT output leakage current
VFAULT = 5 V
1
μA
VPGOOD PGOOD pin open drain voltage output low
IPGOOD = 5 mA
0.4
V
ILPGOOD PGOOD output leakage current
VPGOOD = 5 V
1
μA
IPEAK
Maximum DC output current before limitation
VCC = 24 V RLOAD = 0 Ω
2.3
A
ILIM
Short circuit current limitation
ISO808A
0.7
1.9
A
ISO808A-1
1
Hyst
ILIM tracking limits
0.3
A
TJSD
Junction shutdown temperature
150
175
200
°C
TJR
Junction reset temperature
150
°C
TJHYST Junction thermal hysteresis
15
°C
TCSD
Case shutdown temperature
125
130
135
°C
TCR
Case reset temperature
115
°C
TCHYST Case thermal hysteresis
15
°C
VDEMAG Output voltage at turn-off
IOUT = 0.5 A; ILOAD ≥ 1 mH
VCC-50 VCC-54 VCC-58
V
Table 7. Power switching characteristics (VCC = 24 V; RLOAD = 48 Ω; -40 °C < TJ < 125 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
dV/dt(ON)
Turn-on voltage slope
(see Figure 4)
0.7
V/μs
tr
Rise time
19
32
μs
dV/dt(OFF)
Turn-off voltage slope
1.5
V/μs
tf
Fall time
7
23
μs
td(ON)
Turn-ON delay time
(see Figure 5)
15
24
μs
td(OFF)
Turn-OFF delay time
43
80
μs
tw(OUT_EN)
OUT_EN pulse width
(see Figure 10, Figure 11)
150
ns
tp(OUT_EN)
OUT_EN propagation delay
40
80
μs
ISO808A, ISO808A-1
Electrical characteristics
DS14170 - Rev 1
page 9/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com