Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LIS2DUXS12
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LIS2DUXS12 Datasheet HTML 58Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 59Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 60Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 61Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 62Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 63Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 64Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 65Page - STMicroelectronics LIS2DUXS12 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
8.52
TAP_CFG5 (74h)
R/W
Table 127. TAP_CFG5 register
TRIPLE_
TAP_EN
DOUBLE_
TAP_EN
SINGLE_
TAP_EN
REBOUND_
T4
REBOUND_
T3
REBOUND_
T2
REBOUND_
T1
REBOUND_
T0
Table 128. TAP_CFG5 register description
TRIPLE_TAP_EN
This bit enables the triple-tap event. Default value: 0
(0: disabled; 1: enabled)
DOUBLE_TAP_EN
This bit enables the double-tap event. Default value: 0
(0: disabled; 1: enabled)
SINGLE_TAP_EN
This bit enables the single-tap event. Default value: 0
(0: disabled; 1: enabled)
REBOUND_T[4:0]
These bits program the number of samples to wait for the rebound to finish. The default value of these
bits is 00000b which means that the rebound logic is disabled. If the REBOUND_T[4:0] bits are set to a
different value, 1LSB corresponds to 2 samples (maximum 62 samples).
8.53
TAP_CFG6 (75h)
R/W
Table 129. TAP_CFG6 register
PRE_STILL_
ST3
PRE_STILL_
ST2
PRE_STILL_
ST1
PRE_STILL_
ST0
PRE_STILL_
N3
PRE_STILL_
N2
PRE_STILL_
N1
PRE_STILL_
N0
Table 130. TAP_CFG6 register description
PRE_STILL_ST[3:0]
Selection of starting sample for stationary condition before shock (from the oldest sample in a buffer of
14 samples). 1 LSB = 1 sample (0: 1st sample, 13: 14th sample, maximum value is 13)
PRE_STILL_N[3:0]
Selection of number of samples for stationary condition before shock. 1 LSB = 1 sample (maximum 14
samples). If this field is set to 0, the stationary condition before shock is disabled.
LIS2DUXS12
TAP_CFG5 (74h)
DS14035 - Rev 2
page 62/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com