Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XGL4030-682ME Datasheet(PDF) 29 Page - STMicroelectronics

Part # XGL4030-682ME
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XGL4030-682ME Datasheet(HTML) 29 Page - STMicroelectronics

Back Button XGL4030-682ME Datasheet HTML 25Page - STMicroelectronics XGL4030-682ME Datasheet HTML 26Page - STMicroelectronics XGL4030-682ME Datasheet HTML 27Page - STMicroelectronics XGL4030-682ME Datasheet HTML 28Page - STMicroelectronics XGL4030-682ME Datasheet HTML 29Page - STMicroelectronics XGL4030-682ME Datasheet HTML 30Page - STMicroelectronics XGL4030-682ME Datasheet HTML 31Page - STMicroelectronics XGL4030-682ME Datasheet HTML 32Page - STMicroelectronics XGL4030-682ME Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AOs =
AVO∙ 1+s∙RC∙CC
s2∙RO∙CO∙RC∙CC+s∙ RO∙CC+RO∙CO+RC∙CC +1
(11)
where:
AVO=Gm∙RO
(12)
The poles of this transfer function are (if CC >> CO):
fPLF= 1
2∙π∙RO∙CC
(13)
fPHF= 1
2∙π∙RO∙CO
(14)
Whereas the zero is defined as:
fZ= 1
2∙π∙RC∙CC
(15)
8.3
Voltage divider
The contribution of a simple voltage divider is:
GDIVs = R2R1+R2
(16)
A small signal capacitor in parallel to the upper resistor (only for the adjustable part number) of the voltage divider
implements a leading network (fZERO < fPOLE), sometimes necessary to improve the system phase margin:
Figure 36. Contribution of the resistor divider
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
PGOOD
BOOT
SW
SW
VBIAS
FB
PGND
PGND
EP
VIN
GND
GND
VOUT_prim
VOUT_iso
GND_iso
L6983I
CIN
CLDO
RLDO
RFSW1
CVCC
CB
RFB1
RFB2
D
CSEC
COUT
CFF
Laplace transformer of the leading network:
G_DIV s = R2R1+R2∙ 1+s∙R_1∙C_R1 / 1+s∙R1∙R2
R1+R2 ∙C_R1
(17)
where:
fz= 1
2∙π∙R1∙CR1
(18)
L6983I
Voltage divider
DS14040 - Rev 1
page 29/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com