Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95P16-EXCST/EF Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95P16-EXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCST/EF Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95P16-EXCST/EF Datasheet HTML 40Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 41Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 42Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 43Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 44Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 45Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 46Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 47Page - STMicroelectronics M95P16-EXCST/EF Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
9
Maximum ratings
Stressing the device outside the ratings listed in Table 17 can permanently damage it. These are stress ratings
only, and operation of the device at these, or any other conditions outside those indicated in the operating
sections of this specification, is not implied. Exposure to absolute maximum rating conditions for extended periods
can affect device reliability.
Table 17. Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
TAMB
Ambient operating temperature
-40
125
°C
TSTG
Storage temperature
-65
150
TLEAD
Lead temperature during soldering
See note (1)
VO
Output voltage
-0.50
VCC + 0.6
V
VI
Input voltage
-0.50
4.2
VCC
Supply voltage
-0.50
4.2
IOL
DC output current (Q = 0)
-
5
mA
IOH
DC output current (Q = 1)
-
5
VESD
Electrostatic discharge voltage (human body model) (2)
-
2000
V
1. Compliant with JEDEC standard J-STD-020 (for small-body, Sn-Pb or Pb free assembly), the ST ECOPACK 7191395
specification, and the European directive on Restrictions on Hazardous Substances (RoHS directive 2011/65/EU of July
2011).
2. Positive and negative pulses applied on different combinations of pin connections, according to ANSI/ESDA/JEDEC JS-001
(C1 = 100 pF, R1 = 1500 Ω, R2 = 500 Ω).
M95P16-I M95P16-E
Maximum ratings
DS13710 - Rev 1
page 44/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com