Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95P16-IXMN/EF Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95P16-IXMN/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMN/EF Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95P16-IXMN/EF Datasheet HTML 29Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 30Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 31Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 32Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 33Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 34Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 35Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 36Page - STMicroelectronics M95P16-IXMN/EF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Due to the ECC architecture, the Page program operation can be executed only once within a data word of 16
bytes (modulo 16). The operation is limited to writing bytes within a single physical page (where address A23 to
A9 are the same), regardless of the number of bytes being programmed. After each data byte is received, the
address on the nine lowest-order address bits (A8 to A0) is internally incremented by one, and the remaining
bits (A23 to A9) remain constant. If more than 512 bytes are transmitted, the address counter rolls over to the
beginning of the same page, and the previously stored data is overwritten.
6.14.2
Page program with buffer load (0Ah)
Similarly to the Page program instruction, the Page program with buffer load (PGPR) instruction allows from one
to 512 bytes of data, initially in the erased state (FFh), to be programmed. It also allows the buffer of 512 data
bytes for the next page program operation to be loaded during page program execution.
The buffer mode must be activated by setting the buffer loading activation bit (BUFEN) to 1 (see
Section 5.3 Volatile register format).
A Write enable instruction must be executed before the device accepts a Page program instruction (Status
register bit WEL = 1).
The Page program with buffer load instruction is initiated by driving pin S low, then shifting-in the instruction code
0Ah, followed by a 24-bit address (A23-A0) and at least one data byte into the D-DQ0 pin. The S pin must be held
low for the whole length of the instruction. The S pin must be driven high after the eighth bit of the last byte has
been latched. After S is driven high, the self-timed Page program instruction starts for a time duration of tPP (see
Table 26. Programming times). The sequence is shown in Figure 24.
While the self-timed Page program is in progress, and if buffer is available (BUFLD equal to 0), a new page
program instruction (no WREN needed) can be sent. This new page program command is executed with the
information stored in the buffer as soon as the ongoing page program execution is complete.
•
If the buffer is empty, the device waits for a new Page program instruction.
•
If the buffer is not available (BUFLD equal to 1), the user must wait for the buffer free ((BUFLD equal to 0)
before sending a new page program instruction.
•
The Read Volatile register instruction (RDVR) allows buffer status to be checked.
To exit from Buffer mode, the volatile configuration bit (BUFEN) in the Volatile register must be reset to 0. See
Section 6.7 Write Volatile register (81h).
Table 12. Buffer load
BUFEN
WIP
BUFLD
Description
0
x
1
Buffer mode inactive.
BUFLD is always at 1 when BUFEN is at 0 (Buffer mode not active).
1
0
0
Buffer mode activated.
All the buffers are empty, Page program allowed.
1
1
0
Buffer mode activated.
A buffer is empty and Page program is ongoing.
New Page program authorized to load the available buffer.
1
1
1
Buffer mode activated.
All buffers are full and Page program is ongoing.
New Page program not allowed.
Caution:
In Buffer mode, only a reduced set of instructions is decoded to allow programming of a selected area.
When programming is complete, the BUFEN flag must be reset to enable the device to decode the full set
of instructions. In particular, to check programmed content, the user must exit from Buffer mode to launch a
READ instruction over the programmed area.
M95P16-I M95P16-E
Page program operations
DS13710 - Rev 1
page 33/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com