Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95P16-EXCS/EF Datasheet(PDF) 58 Page - STMicroelectronics

Part # M95P16-EXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCS/EF Datasheet(HTML) 58 Page - STMicroelectronics

Back Button M95P16-EXCS/EF Datasheet HTML 54Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 55Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 56Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 57Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 58Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 59Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 60Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 61Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Contents
1
Description ........................................................................3
2
Memory ...........................................................................5
2.1
Block diagram ................................................................. 5
2.2
Memory map .................................................................. 6
3
Signal description .................................................................9
3.1
Serial data output (Q-DQ1) ...................................................... 9
3.2
Serial data input (D-DQ0)........................................................ 9
3.3
Serial clock (C) ................................................................ 9
3.4
Chip select (S) ................................................................. 9
3.5
Hold (HOLD-DQ3).............................................................. 9
3.6
Write protect (W-DQ2) ......................................................... 10
3.7
VCC (VCC, supply voltage)...................................................... 10
3.8
VSS (VSS, ground) ............................................................ 10
4
Device operation .................................................................11
4.1
Connecting to the SPI bus ...................................................... 11
4.2
SPI modes ................................................................... 12
4.3
Dual output read .............................................................. 12
4.4
Quad output read ............................................................. 12
4.5
Supply voltage ................................................................ 12
4.6
Power-up conditions ........................................................... 12
4.7
Power-down conditions ........................................................ 13
4.8
Active power, Standby power and Deep power-down modes ......................... 13
4.9
Device reset .................................................................. 13
4.10
Hold condition ................................................................ 13
4.11
ECC ........................................................................ 14
4.12
Data protection and protocol control .............................................. 15
4.12.1
Memory protection scheme ................................................ 15
4.12.2
Hardware data protection ................................................. 16
4.13
Polling during a Program, Write or Erase cycle ..................................... 16
5
Status, Configurable, Safety, Volatile and SFDP registers ..........................17
5.1
Status register ................................................................ 17
5.2
Configuration and Safety register format .......................................... 18
5.2.1
Configuration register .................................................... 18
5.2.2
Safety register.......................................................... 18
M95P16-I M95P16-E
Contents
DS13710 - Rev 1
page 58/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com