Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSPT857C Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # CSPT857C
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT857C Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button CSPT857C Datasheet HTML 8Page - Renesas Technology Corp CSPT857C Datasheet HTML 9Page - Renesas Technology Corp CSPT857C Datasheet HTML 10Page - Renesas Technology Corp CSPT857C Datasheet HTML 11Page - Renesas Technology Corp CSPT857C Datasheet HTML 12Page - Renesas Technology Corp CSPT857C Datasheet HTML 13Page - Renesas Technology Corp CSPT857C Datasheet HTML 14Page - Renesas Technology Corp CSPT857C Datasheet HTML 15Page - Renesas Technology Corp CSPT857C Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
APPLICATION INFORMATION
CSPT857C
C = 14pF
R = 120
Ω
FBIN
FBIN
C = 14pF
R = 120
Ω
CLK
CLK
Feedback path
R = 120
Ω
Z = 60
Ω
Z = 60
Ω
8 more
SDRAM
SDRAM
~2.5"
~0.3"
~0.6" (split to terminator)
(1)
CSPT857C
C = 14pF
R = 120
Ω
FBIN
FBIN
C = 14pF
R = 120
Ω
CLK
CLK
Feedback path
R = 120
Ω
Z = 60
Ω
Z = 60
Ω
8 more
SDRAM
SDRAM
~2.5"
~0.3"
~0.6" (split to terminator)
SDRAM
SDRAM
Stacked
Stacked
(1)
Figure 9. Clock Structure 1
Figure 10. Clock Structure 2
NOTE:
1.
Memory module vendors may need to adjust the feedback capacitive load in order to meet DDR SDRAM registered DIMM timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com