Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD4USB3B-TBS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3B-TBS
Description  ESD protection for high-speed interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3B-TBS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PESD4USB3B-TBS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3B-TBS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
PESD4USB3B-TBS
ESD protection for high-speed interfaces
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRWM
reverse standoff voltage Tamb = 25 °C
-
3.3
V
IPPM
rated peak pulse current tp = 8/20 µs
[1]
-
7
A
IEC 61000-4-2, level 4; contact discharge [2] [3]
-
15
kV
ISO 10605; contact discharge; R = 330 Ω;
C = 150 pF
[2] [3]
-
15
kV
VESD
electrostatic discharge
voltage
ISO 10605; contact discharge; R = 330 Ω;
C = 330 pF
[2] [3]
-
13
kV
Tstg
storage temperature
-65
150
°C
Tamb
ambient temperature
-55
150
°C
Tj
junction temperature
-
150
°C
[1] According to IEC 61000-4-5 (8/20 μs current waveform).
[2] All pins to ground.
[3] Device stressed with ten non-repetitive ESD pulses.
t (µs)
0
40
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e-t
100 % IPP; 8 µs
50 % IPP; 20 µs
Fig. 1. 8/20 µs pulse waveform according to
IEC 61000-4-5
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.6 ns to 1 ns
Fig. 2. ESD pulse waveform according to
IEC 61000-4-2
PESD4USB3B-TBS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
11 August 2022
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com