Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD4USB3U-TTS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3U-TTS
Description  ESD protection for high-speed interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3U-TTS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESD4USB3U-TTS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3U-TTS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
PESD4USB3U-TTS
ESD protection for high-speed interfaces
8. Characteristics
Table 5. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
II = 1 mA; Tamb = 25 °C
6
9
-
V
IPP = 5 A; positive transient;
Tamb = 25 °C
[1]
-
3.5
-
V
VCL
clamping voltage
IPP = -5 A; negative transient;
Tamb = 25 °C
[1]
-
-3.5
-
V
IRM
reverse leakage current per channel; VRWM = 3.3 V;
Tamb = 25 °C
-
1
100
nA
Rdyn
dynamic resistance
IR = 10 A; tp = 100 ns; Tamb = 25 °C
[2]
-
0.4
-
Ω
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
0.4
0.5
pF
[1] According to IEC 61000-4-5 (8/20 μs current waveform).
[2] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008.
VI (V)
0
5
4
2
3
1
aaa-033242
0.2
0.1
0.3
0.4
C
(pF)
0
Fig. 3. Capacitance as a function of input voltage;
typical values
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
Fig. 4. Relative variation of peak pulse power as a
function of junction temperature; typical values
PESD4USB3U-TTS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
11 August 2022
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com