Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74FCT810BT/CT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDT74FCT810BT/CT
Description  FAST CMOS BUFFER/CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74FCT810BT/CT Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDT74FCT810BT/CT Datasheet HTML 1Page - Renesas Technology Corp IDT74FCT810BT/CT Datasheet HTML 2Page - Renesas Technology Corp IDT74FCT810BT/CT Datasheet HTML 3Page - Renesas Technology Corp IDT74FCT810BT/CT Datasheet HTML 4Page - Renesas Technology Corp IDT74FCT810BT/CT Datasheet HTML 5Page - Renesas Technology Corp IDT74FCT810BT/CT Datasheet HTML 6Page - Renesas Technology Corp IDT74FCT810BT/CT Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDT74FCT810BT/CT
FASTCMOSBUFFER/CLOCKDRIVER
COMMERCIALTEMPERATURERANGE
MAY 2010
2001
Integrated Device Technology, Inc.
DSC-4646/3
c
IDT74FCT810BT/CT
COMMERCIAL TEMPERATURE RANGE
FAST CMOS
BUFFER/CLOCK DRIVER
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 600ps (max.)
• Very low duty cycle distortion < 700ps (max.)
• Low CMOS levels
• TTL compatible inputs and outputs
• TTL level output voltage swings
• High drive: -32mA IOH, +48mA IOL
• Two independent output banks with 3-state control:
– One 1:5 inverting bank
– One 1:5 non-inverting bank
• Available in QSOP, SSOP, and SOIC packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
PIN CONFIGURATION
QSOP/ SOIC/ SSOP
TOP VIEW
DESCRIPTION:
The 74FCT810T is a dual bank inverting/ non-inverting clock driver
built using advanced dual metal CMOS technology. It consists of two banks
of drivers, one inverting and one non-inverting. Each bank drives five output
buffersfromastandardTTL-compatibleinput.TheFCT810Thas lowoutput
skew, pulse skew and package skew. Inputs are designed with hysteresis
circuitry for improved noise immunity. The outputs are designed with TTL
output levels and controlled edge rates to reduce signal noise. The part has
multiple grounds, minimizing the effects of ground inductance.
OEA
IN A
OA1 -O A5
5
OE B
IN B
OB1 -O B5
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OA1
OA3
GND
OA4
OA5
OA2
OEA
INA
VCC
GND
OB1
OB2
OB3
GND
OB4
GND
INB
OB5
OEB
VCC


Similar Part No. - IDT74FCT810BT/CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BTD IDT-IDT74FCT810BTD Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BTDB IDT-IDT74FCT810BTDB Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BTE IDT-IDT74FCT810BTE Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BTEB IDT-IDT74FCT810BTEB Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT74FCT810BT/CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com