Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFWS2D3N04XM Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFWS2D3N04XM
Description  MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 2.35 m, 121 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFWS2D3N04XM Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFWS2D3N04XM Datasheet HTML 1Page - ON Semiconductor NVMFWS2D3N04XM Datasheet HTML 2Page - ON Semiconductor NVMFWS2D3N04XM Datasheet HTML 3Page - ON Semiconductor NVMFWS2D3N04XM Datasheet HTML 4Page - ON Semiconductor NVMFWS2D3N04XM Datasheet HTML 5Page - ON Semiconductor NVMFWS2D3N04XM Datasheet HTML 6Page - ON Semiconductor NVMFWS2D3N04XM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NVMFWS2D3N04XM
www.onsemi.com
2
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case (Note 2)
RqJC
2.4
°C/W
Thermal Resistance, Junction−to−Ambient (Notes 1, 2)
RqJA
41.1
1. Surface mounted on FR4 board using 650 mm2, 2 oz Cu pad.
2. The entire application environment impacts the thermal resistance values shown, they are not constants and are only valid for the particular
conditions noted.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 1 mA, TJ = 25°C
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
DV(BR)DSS/
DTJ
ID = 1 mA, Referenced to 25°C
15
mV/°C
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, TJ = 25°C
10
mA
VDS = 40 V, TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VGS = 20 V, VDS = 0 V
100
nA
ON CHARACTERISTICS
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 20 A, TJ = 25°C
2.03
2.35
mW
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 60 mA, TJ = 25°C
2.5
3.5
V
Gate Threshold Voltage Temperature
Coefficient
DVGS(TH)/
DTJ
VGS = VDS, ID = 60 mA
−7.21
mV/°C
Forward Trans−conductance
gFS
VDS = 5 V, ID = 20 A
89.2
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, VDS = 25 V, f = 1 MHz
1417
pF
Output Capacitance
COSS
911
Reverse Transfer Capacitance
CRSS
15.5
Total Gate Charge
QG(TOT)
VGS = 10 V, VDD = 32 V, ID = 50 A
22.2
nC
Threshold Gate Charge
QG(TH)
4.2
Gate−to−Source Charge
QGS
6.7
Gate−to−Drain Charge
QGD
4.3
Gate Resistance
RG
f = 1 MHz
0.93
W
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(ON)
Resistive Load,
VGS = 0/10 V, VDD = 32 V,
ID = 50 A, RG = 0 W
15.2
ns
Rise Time
tr
5.1
Turn−Off Delay Time
td(OFF)
23.4
Fall Time
tf
4.2
SOURCE−TO−DRAIN DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 20 A, TJ = 25°C
0.82
V
VGS = 0 V, IS = 20 A, TJ = 125°C
0.69
Reverse Recovery Time
tRR
VGS = 0 V, IS = 50 A,
dI/dt = 100 A/ms, VDD = 32 V
98
ns
Charge Time
ta
45
Discharge Time
tb
53
Reverse Recovery Charge
QRR
245
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com