Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STUW81300T Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUW81300T
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUW81300T Datasheet HTML 2Page - STMicroelectronics STUW81300T Datasheet HTML 3Page - STMicroelectronics STUW81300T Datasheet HTML 4Page - STMicroelectronics STUW81300T Datasheet HTML 5Page - STMicroelectronics STUW81300T Datasheet HTML 6Page - STMicroelectronics STUW81300T Datasheet HTML 7Page - STMicroelectronics STUW81300T Datasheet HTML 8Page - STMicroelectronics STUW81300T Datasheet HTML 9Page - STMicroelectronics STUW81300T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Functional block diagram
STuW81300
6/63
DS11314 Rev 7
1
Functional block diagram
Figure 1. STuW81300 functional block diagram
MSv43251V2
CBYP_4V5
VREG_4V5
VCC_VCO_Core
HW_PD
PDRF1
PDRF2
CBYP
VREG_VCO
VIN_LDO_VCO
VR
VCTRL
EXTVCO_INP
EXTVCO_INN
VDD_CP
ICP
VCC_CPOUT
VDD_PFD
VIN_LDO_REF
VREG_REF
REF_CLKN
REF_CLKP
SDI
SCK
LE
VDD_DSM_NDIV
VREG_DIG
VIN_LDO_RF_DIG
VREG_RF
RF1_OUTN
RF1_OUTP
VCC_RFOUT
RF2_OUTN
RF2_OUTP
TEST_SE
VIN_LDO_4V5
LDO reg.
RF
Freq.
Doubler
LDO reg.
4V5
LDO reg.
VCO
VCO
3.85-8.0 GHz
Divider
by 2
RFoutput
buffer
Voltage
reference
LDO reg.
DIG
N divider
/1
/2
/4
x2
VCO
1.925-4.0 GHz
<6.0 GHz
13- bit
R-counter
Phase
frequency
detector
Lock
detector
Charge
pump
LDO reg.
REF
SDO
FL_SW
LD
VCO 3.85 - 8.0 GHz
VIN_LDO_RF_DIG
VCO and band
selection
VCO
calibrator
SPI (R/W) digital
data interface
Sigma-delta
21 bit
Fast lock switch
&
cycle slip
RF output
buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com