Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWBC2-HP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 1 Page - STMicroelectronics

  STWBC2-HP Datasheet HTML 1Page - STMicroelectronics STWBC2-HP Datasheet HTML 2Page - STMicroelectronics STWBC2-HP Datasheet HTML 3Page - STMicroelectronics STWBC2-HP Datasheet HTML 4Page - STMicroelectronics STWBC2-HP Datasheet HTML 5Page - STMicroelectronics STWBC2-HP Datasheet HTML 6Page - STMicroelectronics STWBC2-HP Datasheet HTML 7Page - STMicroelectronics STWBC2-HP Datasheet HTML 8Page - STMicroelectronics STWBC2-HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Features
•
Digital controller for Qi certified wireless power transmitters
–
Compliant with WPC 1.3
–
Power Class 0 BPP (5 W) and EPP (15 W)
–
Power Tx design topologies MP-A2 and MP-A22
–
Proprietary ST Super Charge extension for high power charging
•
SiP with uC and front end device:
–
ARM 32-bit Cortex™-M0+ CPU, frequency up to 64 MHz
–
3x half-bridge drivers
–
Embedded 3.6 V / 5 V DC-DC
–
3.3 V and 1.8 V LDOs
–
6 V to 9 V voltage doubler
–
Qi FSK programmable modulator
–
Integrated current, voltage and phase demodulators
–
Integrated current and voltage sensors.
•
Support for half- and full-bridge topologies with input DC-DC
–
Single and multi-coil topologies
–
Support for limited power sources such as 5 V 500 mA USB
•
VIN operative range: 4.1 V to 24 V
•
USB physical interfaces
–
USB power delivery
•
Communication interfaces
–
UART
–
SPI (up to 28 Mbit/s)
–
I2C (up to 1 Mbit/s)
–
Up to 8x GPIOs
•
Peripherals
–
8-channel 12-bit 0.5 us ADC
–
Low side differential current sensor
–
Q-Factor driver
•
Memory
–
128 Kbytes of Flash memory with ECC
–
32 Kbytes of SRAM with HW parity check
•
Development support: serial wire debug (SWD)
•
Operating temperature: -40°C up to 125°C.
•
Package: VFQFPN68L 8x8 mm pitch 0.4
•
96-bit unique ID
Description
The STWBC2 -HP is a digital controller specifically dedicated to design Qi-certified
Wireless Power TX applications. The STWBC2-HP is a SiP including an STM32™
microcontroller and an application-specific front-end die.
Product status link
STWBC2 -HP
Product label
Table 1. Ordering information
Order code
Package
Packaging
STWBC2-HP VFQFPN68 Tape & Reel
Digital controller for wireless battery charger transmitters
STWBC2-HP
Datasheet
DS13825 - Rev 1.0 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWBC2-HP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC2-HP STMICROELECTRONICS-STWBC2-HP Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWBC2-HPTX STMICROELECTRONICS-STWBC2-HPTX Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - STWBC2-HP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
Power Management and Battery Charger for Wireless Devices
logo
Linear Technology
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
logo
STMicroelectronics
STWBC STMICROELECTRONICS-STWBC Datasheet
1Mb / 36P
Digital controller for wireless battery charger
26-Feb-2015
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com