Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCPP02-M18 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 7Page - STMicroelectronics TCPP02-M18 Datasheet HTML 8Page - STMicroelectronics TCPP02-M18 Datasheet HTML 9Page - STMicroelectronics TCPP02-M18 Datasheet HTML 10Page - STMicroelectronics TCPP02-M18 Datasheet HTML 11Page - STMicroelectronics TCPP02-M18 Datasheet HTML 12Page - STMicroelectronics TCPP02-M18 Datasheet HTML 13Page - STMicroelectronics TCPP02-M18 Datasheet HTML 14Page - STMicroelectronics TCPP02-M18 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
6.3
I2C registers
The I2C address used by TCPP02-M18 is 0110 10x, with LSB = ‘x’.
The LSB bit of the I2C address is set when connecting TCPP02-M18 pin I2C_ADD to GND (for LSB = ‘0’) or to
1.8 V or 3.3 V (for LSB = ’1’).
Figure 7. I2C registers
V2
V1
VCONN switch
VC2
VC1
0
0
Open
Open
1
0
Open
Close
0
1
Close
Open
1
1
Open
Open
V1
V2
Gate Driver
Provider
(GDP)
GDP=1:
•
Switch load
closed
GDP=0:
•
Switch load
opened
VBUSD=1:
•
VBUS
discharge ON
VBUSD=0:
•
VBUS
discharge OFF
VBUS
DISCHARGE
(VBUSD)
FLGn
OCP_VCONN
FLGn
OTP
FLGn
OCP_VBUS
VCONN
DISCHARGE
(VCONND)
VCONND=1:
•
VCONN
discharge ON
VCONND=0:
•
VCONN
discharge OFF
VCONN
DISCHARGE
Acknowledge
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VCONN1
FLGn
OVP_CC
VCONN2
Gate Driver
Provider
VBUS
DISCHARGE
FLGn
VBUS_OK
PM2
Power Mode 2
PM2
PM1
Power
Mode
0
0
Hibernate
1
0
Low power
0
1
Normal
1
1
Not Used
PM1
PM2
I2C address : 0110 10x, x=LSB
Writing register
(address = 0)
Reading register n°2
(address = 2)
Reading register n°1
(address = 1)
Flags are set to '1'
when active
0 => TCPP03
1 => TCPP02
Acknowledge
Acknowledge
Acknowledge
Acknowledge
0 at start-up
else
acknowledge
Acknowledge
Acknowledge
PM1
Power Mode 1
Flags are set to '1'
when active
0
1
Not used
TCPP02-M18
I2C registers
DS13787 - Rev 4
page 11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com