Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEF12SGR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEF12SGR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SGR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEF12SGR Datasheet HTML 8Page - STMicroelectronics STEF12SGR Datasheet HTML 9Page - STMicroelectronics STEF12SGR Datasheet HTML 10Page - STMicroelectronics STEF12SGR Datasheet HTML 11Page - STMicroelectronics STEF12SGR Datasheet HTML 12Page - STMicroelectronics STEF12SGR Datasheet HTML 13Page - STMicroelectronics STEF12SGR Datasheet HTML 14Page - STMicroelectronics STEF12SGR Datasheet HTML 15Page - STMicroelectronics STEF12SGR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
7
Typical characteristics
VCC = 12 V, VEn/Fault = floating, RLim = 22 Ω, COUT = 10 μF, CdV/dt = floating, TA = 25°C, unless otherwise
specified.
Figure 8. ILim and IShort vs. RLim - (STEF12SGR)
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
250
300
Rlim [ Ω]
Ilim
Ishort
Figure 9. ILim and IShort vs. RLim - (STEF12SPUR)
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
Rlim [ Ω]
Ilim
Ishort
Figure 10. Bias current vs. temperature
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Device On
Device Off
Figure 11. Bias current vs. temperature (thermal
shutdown)
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
STEF12S
Typical characteristics
DS13002 - Rev 5
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com