Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2318BNZPVC-11 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2318BNZPVC-11
Description  18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2318BNZPVC-11 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2318BNZPVC-11 Datasheet HTML 1Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 2Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 3Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 4Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 5Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 6Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 7Page - Cypress Semiconductor CY2318BNZPVC-11 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY2318BNZ
Document #: 38-07217 Rev. **
Page 2 of 8
Device Functionality
Pin Summary
Name
Pins
Description
VDD
3, 7, 12, 16, 20, 29, 33, 37, 42, 46
3.3V Digital voltage supply
VSS
6, 10, 15, 19, 22, 27, 30, 34, 39, 43
Ground
VDDIIC
23
SMBus Voltage supply
VSSIIC
26
Ground for SMBus
BUF_IN
11
Input clock (5V tolerant)
OE
38
Output Enable (active HIGH), Three-state outputs when LOW[1]
SDATA
24
SMBus data input[1]
SCLK
25
SMBus clock input[1]
SDRAM [0–3]
4, 5, 8, 9
SDRAM byte 0 clock outputs
SDRAM [4–7]
13, 14, 17, 18
SDRAM byte 1 clock outputs
SDRAM [8–11]
31, 32, 35, 36
SDRAM byte 2 clock outputs
SDRAM [12–15]
40, 41, 44, 45
SDRAM byte 3 clock outputs
SDRAM [16–17]
21, 28
SDRAM clock outputs usable for feedback
N/C
1, 2, 47, 48
Reserved for future modifications, do not connect in system
Note:
1.
Internal pull-up resistor to VDD (value > 100 kohms).
OE
SDRAM [0–17]
0Hi-Z
11 x BUF_IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com