Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEF12SPUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STEF12SPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SPUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STEF12SPUR Datasheet HTML 11Page - STMicroelectronics STEF12SPUR Datasheet HTML 12Page - STMicroelectronics STEF12SPUR Datasheet HTML 13Page - STMicroelectronics STEF12SPUR Datasheet HTML 14Page - STMicroelectronics STEF12SPUR Datasheet HTML 15Page - STMicroelectronics STEF12SPUR Datasheet HTML 16Page - STMicroelectronics STEF12SPUR Datasheet HTML 17Page - STMicroelectronics STEF12SPUR Datasheet HTML 18Page - STMicroelectronics STEF12SPUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Figure 24. Start-up via input voltage (5 Ω load)
Figure 25. Start-up via input voltage (COUT = 1500 µF)
Figure 26. Start-up into voltage clamp
Figure 27. Voltage clamp during operation
Figure 28. Start-up into output short-circuit
Figure 29. Start-up into overload
STEF12S
Typical characteristics
DS13002 - Rev 5
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com