Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBLS2021D Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PBLS2021D
Description  20 V, 1.8 A PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS2021D Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PBLS2021D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PBLS2021D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 September 2009
11 of 16
NXP Semiconductors
PBLS2021D
20 V, 1.8 A PNP BISS loadswitch
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB = 50; Tamb =25 °C
Fig 16. TR2 (NPN): Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 17. TR2 (NPN): Collector-emitter saturation
voltage as a function of collector current;
typical values
IC (mA)
1102
10
006aaa014
102
103
VCEsat
(mV)
10
(1)
(3)
(2)
IC (mA)
10
102
006aab519
1
VCEsat
(V)
10−1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com