| Electronic Components Datasheet Search |
|
P83C145BBP Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C145BBP Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 40 page ![]() 1996 Mar 22 19 Philips Semiconductors Product specification Microcontrollers for TV and video (MTV) 83C145; 83C845 83C055; 87C055 13.6 OSD Special Function Registers The programming interface to Display RAM is provided by three Special Function Registers as shown in Tables 15, 17 and 20. Writing OSAT simply latches the attribute bits into a register, while writing OSDT causes the data bus information, plus the contents of the OSAT register, to be written into display RAM. Thus, for a given Display RAM location, OSAT should be written before OSDT. If successive characters are to be written into Display RAM with the same attributes, OSAT need not be rewritten for each character, only prior to writing OSDT for the first character with those particular attributes. The OSAT attribute bits associated with the BSpace, SplitBSpace and New Line characters (see Table 19) are interpreted differently from those that accompany other data characters. With BSpace and SplitBSpace, B is interpreted as described above, but the 3 colour bits specify the background colour (Bcolor) for subsequent characters. For BSpace, a change in B and Bcolor becomes effective at the left edge of the character’s bit map. 13.6.1 SPECIAL FUNCTION REGISTER OSAD Table 15 Special Function Register OSAD (On Screen ADdress; address 9AH) Table 16 Description of OSAD bits 13.6.2 SPECIAL FUNCTION REGISTER OSDT Writing OSDT causes the data bus information, plus the contents of the OSAT register, to be written into display RAM. Table 17 Special Function Register OSDT (On Screen DaTa; address 99H) Table 18 Description of OSDT bits 76543210 − OSAD6 OSAD5 OSAD4 OSAD3 OSAD2 OSAD1 OSAD0 BIT SYMBOL DESCRIPTION 7 − Reserved. 6 to 0 OSAD6 to OSAD0 These 7-bits hold the Display RAM address into which data will be loaded. OSAD is automatically incremented by one each time OSDT and Display RAM are written to. 76543210 −− OSDT5 OSDT4 OSDT3 OSDT2 OSDT1 OSDT0 BIT SYMBOL DESCRIPTION 7to6 − Reserved. 5 to 0 OSDT5 to OSDT0 Character data; see Table 19. In reality, there is a potential conflict between the timing of a write to OSDT and an access to display RAM by the OSD logic for data display. This is resolved by the use of a true dual-ported RAM for display memory. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |