Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA14683 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14683 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA14683 Datasheet HTML 9Page - Renesas Technology Corp DA14683 Datasheet HTML 10Page - Renesas Technology Corp DA14683 Datasheet HTML 11Page - Renesas Technology Corp DA14683 Datasheet HTML 12Page - Renesas Technology Corp DA14683 Datasheet HTML 13Page - Renesas Technology Corp DA14683 Datasheet HTML 14Page - Renesas Technology Corp DA14683 Datasheet HTML 15Page - Renesas Technology Corp DA14683 Datasheet HTML 16Page - Renesas Technology Corp DA14683 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 469 page
background image
Datasheet
Revision 3.5
13-Jan-2022
CFR0011-120-01
13 of 468
© 2022 Renesas Electronics
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced
Security
FINAL
A5
C7
QSPI_CS
DIO
OUTPUT. QSPI chip select (active LOW). Mapped on
P0_5.
A2
A7
QSPI_D0
DIO
INPUT/OUTPUT. QSPI data 0. Mapped on P0_1.
A3
B7
QSPI_D1
DIO
INPUT/OUTPUT. QSPI data 1. Mapped on P0_2.
A1
A8
QSPI_D2
DIO
INPUT/OUTPUT. QSPI data 2. Mapped on P0_3.
A4
C8
QSPI_D3
DIO
INPUT/OUTPUT. QSPI data 3. Mapped on P0_4.
Quadrature decoder (mapped on port Px_y)
QD_CHA_X
DI
INPUT. Channel A for the X axis.
QD_CHB_X
DI
INPUT. Channel B for the X axis.
QD_CHA_Y
DI
INPUT. Channel A for the Y axis.
QD_CHB_Y
DI
INPUT. Channel B for the Y axis.
QD_CHA_Z
DI
INPUT. Channel A for the Z axis.
QD_CHB_Z
DI
INPUT. Channel B for the Z axis.
SPI bus interface (mapped on port Px_y)
SPI_CLK
DIO
INPUT/OUTPUT. SPI clock.
SPI_DI
DI
INPUT. SPI data input.
SPI_DO
DO
OUTPUT. SPI data output.
SPI_EN
DI
INPUT. SPI clock enable.
SPI2_CLK
DIO
INPUT/OUTPUT. SPI 2 clock.
SPI2_DI
DI
INPUT. SPI 2 data input.
SPI2_DO
DO
OUTPUT. SPI 2 data output.
SPI2_EN
DI
INPUT. SPI 2 clock enable.
I2C bus interface (mapped on port Px_y)
SDA
DIO/
DIOD
INPUT/OUTPUT. I2C bus data with open drain port.
SCL
DIO/
DIOD
INPUT/OUTPUT. I2C bus clock with open drain port.
Supports bit stretching by a slave in open drain mode.
SDA2
DIO/
DIOD
INPUT/OUTPUT. I2C bus 2 data with open drain port.
SCL2
DIO/
DIOD
INPUT/OUTPUT. I2C bus 2 clock with open drain port.
Supports bit stretching by a slave in open drain mode.
UART interface (mapped on port Px_y)
UTX
DO
OUTPUT. UART transmit data.
URX
DI
INPUT. UART receive data.
UTX2
DO
OUTPUT. UART 2 transmit data.
URX2
DI
INPUT. UART 2 receive data.
URTS2
DO
OUTPUT. UART 2 request to send.
UCTS2
DI
INPUT. UART 2 clear to send.
Infrared (IR) interface (mapped on port Px_y)
IR_OUT
DO
OUTPUT. Infrared data.
Keyboard scanner interface (mapped on port Px_y)
KSC_ROWx
DO
OUTPUT. Keyboard rows driven by the scanner.
KSC_COLx
DI
INPUT. Keyboard columns sampled by the scanner.
Table 3: Pin description
Pin no.
AQFN
Pin no.
WLCSP
Pin name
Type
Drive
(mA)
Reset
state
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com