Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584NX Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC584NX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584NX Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC584NX Datasheet HTML 14Page - STMicroelectronics SPC584NX Datasheet HTML 15Page - STMicroelectronics SPC584NX Datasheet HTML 16Page - STMicroelectronics SPC584NX Datasheet HTML 17Page - STMicroelectronics SPC584NX Datasheet HTML 18Page - STMicroelectronics SPC584NX Datasheet HTML 19Page - STMicroelectronics SPC584NX Datasheet HTML 20Page - STMicroelectronics SPC584NX Datasheet HTML 21Page - STMicroelectronics SPC584NX Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
18/158
DS11734 Rev 6
3.3
Operating conditions
Table 5 describes the operating conditions for the device, and for which all the specifications
in the data sheet are valid, except where explicitly noted. The device operating conditions
must not be exceeded or the functionality of the device is not guaranteed.
Table 5. Operating conditions
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
FSYS(2)
SR
P
Operating
system clock
frequency(3)
——
—
200
MHz
TJ_140 Grade
SR
C
Operating
Junction
temperature
—
–40
—
165
°C
TJ_125 Grade
SR
P
Operating
Junction
temperature
—
–40
—
150
°C
TA_140 Grade
SR
C
Operating
Ambient
temperature
—
–40
—
140
°C
TA_125 Grade
SR
P
Operating
Ambient
temperature
—
–40
—
125
°C
VDD_LV
SR
P
Core supply
voltage(4)
—1.14(5)
1.20
1.26(6) (7)
V
VDD_LV_BD
SR
P
Buddy core
supply voltage
—
1.20
—
1.32
V
VDD_HV_IO_MAIN
VDD_HV_IO_JTAG
VDD_HV_IO_FLEX
VDD_HV_FLA
VDD_HV_IO_BD
SR
P
IO supply
voltage
—
3.0
—
5.5
V
VDD_HV_ADV
SR
P
ADC supply
voltage
—3.0(8)
—5.5
V
VSS_HV_ADV-
VSS
SR
D
ADC ground
differential
voltage
—
–25
—
25
mV
VDD_HV_ADR_D
SR
P
SD ADC supply
reference
voltage
—3.0(8)
—5.5
V
VDD_HV_ADR_D-
VDD_HV_ADV
SR
D
SD ADC
reference
differential
voltage
——
—
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com