Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPST10H100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPST10H100
Description  100 V - 10 A power Schottky trench diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST10H100 Datasheet(HTML) 4 Page - STMicroelectronics

  STPST10H100 Datasheet HTML 1Page - STMicroelectronics STPST10H100 Datasheet HTML 2Page - STMicroelectronics STPST10H100 Datasheet HTML 3Page - STMicroelectronics STPST10H100 Datasheet HTML 4Page - STMicroelectronics STPST10H100 Datasheet HTML 5Page - STMicroelectronics STPST10H100 Datasheet HTML 6Page - STMicroelectronics STPST10H100 Datasheet HTML 7Page - STMicroelectronics STPST10H100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94,V0
•
Cooling method : by conduction (C)
Figure 7. PSMC (TO-277A) package outline
STPST10H100
Package information
DS13612 - Rev 1
page 4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com