Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D30Q100FTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN9D30Q100FTR
Description  6-channel high-side driver with 24-bit SPI interface for automotive applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D30Q100FTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN9D30Q100FTR Datasheet HTML 17Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 18Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 19Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 20Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 21Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 22Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 23Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 24Page - STMicroelectronics VN9D30Q100FTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Table 18. Operating codes
OC1
OC0
Meaning
0
0
Write operation
0
1
Read operation
1
0
Read and clear status operation
1
1
Read device information
Write mode
The write mode of the device allows to write the content of the input data byte into the addressed register (see list
of registers in Section 1 ). Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first.
During the same sequence the outgoing data are shifted out MSB first on the falling edge of the CSN pin and the
subsequent bits on the falling edge of the serial clock (SCK). The first byte corresponds to the Global Status Byte,
second and third bytes to the previous content of the addressed register.
Figure 9. SPI write operation
0
0
SDI
SDO
CSN
MSB
Address
Command Byte
(8 bits)
Global Status Byte
MSB
LSB
LSB
MSB
MSB
(previous content of register)
Data
(16 bits)
Data
LSB
LSB
GADG1010171330PS
Read mode
The read mode of the device allows to read and to check the state of any register.
Incoming data are sampled on the rising edge of the serial clock (SCK), MSB first.
The command byte allows to determine which register content is read, whilst the other two data bytes are "don’t
care".
In case of a read mode on an unused address, the global status/error byte on the SDO pin is followed by 0x0000
word.
In order to avoid inconsistency between the Global Status byte and the Status register, the Status register
contents are frozen during the SPI communication.
VN9D30Q100F
SPI protocol
DS13246 - Rev 4
page 21/100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com