Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDXU1UT_SER Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESDXU1UT_SER
Description  Ultra low capacitance ESD protection diode in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXU1UT_SER Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESDXU1UT_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESDXU1UT_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PESDXU1UT_SER_2
Product data sheet
Rev. 02 — 20 August 2009
7 of 13
Nexperia
PESDxU1UT series
Ultra low capacitance ESD protection diode in SOT23 package
7.
Application information
The PESDxU1UT series is designed for protection of high-speed datalines from damage
caused by ESD and surge pulses. PESDxU1UT devices combine an ESD protection
diode and an ultra low capacitance compensation diode to ensure an effective device
capacitance as low as 0.6 pF. The PESDxU1UT series provides a surge capability of up to
200 W per line for an 8/20
µs waveform.
Two PESDxU1UT devices in anti-parallel configuration provide ESD protection in a common-mode
application.
The two PESDxU1UT devices should be connected as follows:
protected data line is connected to
device 1 / pin 2
device 2 / pin 1
Ground is connected to
device 1 / pin 1
device 2 / pin 2
pin 3 is not connected for both devices
Fig 5.
Bidirectional ESD protection of one line, common mode
Two PESDxU1UT devices in anti-parallel configuration provide ESD protection in a
differential-mode configuration as e.g. for Ethernet applications.
The two PESDxU1UT should be connected as follows:
I/O line 1 is connected to
device 1 / pin 2
device 2 / pin 1
I/O line 2 is connected to
device 1 / pin 1
device 2 / pin 2
pin 3 is not connected for both devices
Fig 6.
Differential mode Ethernet protection
006aaa443
3
n.c.
n.c.
3
1
protected data line
ground
PESDxU1UT
PESDxU1UT
2
1
2
ETHERNET
TRANSCEIVER
006aaa444
3
n.c.
n.c.
I/O 1
I/O 2
3
1
PESDxU1UT
PESDxU1UT
2
1
2
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com