Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

87LPC767 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 87LPC767
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC767 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 87LPC767 Datasheet HTML 12Page - NXP Semiconductors 87LPC767 Datasheet HTML 13Page - NXP Semiconductors 87LPC767 Datasheet HTML 14Page - NXP Semiconductors 87LPC767 Datasheet HTML 15Page - NXP Semiconductors 87LPC767 Datasheet HTML 16Page - NXP Semiconductors 87LPC767 Datasheet HTML 17Page - NXP Semiconductors 87LPC767 Datasheet HTML 18Page - NXP Semiconductors 87LPC767 Datasheet HTML 19Page - NXP Semiconductors 87LPC767 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
13
SU01153
+
–
(P0.4) CIN1A
COMPARATOR 1
(P0.3) CIN1B
CO1
OE1
(P0.5) CMPREF
+
–
(P0.2) CIN2A
COMPARATOR 2
(P0.1) CIN2B
CO2
OE2
CP1
CN1
CP2
CN2
CMP2 (P0.0)
CMP1 (P0.6)
CHANGE DETECT
CMF1
INTERRUPT
CHANGE DETECT
CMF2
INTERRUPT
Vref
Figure 5. Comparator Input and Output Connections
Vref (1.23V)
Vref (1.23V)
Vref (1.23V)
SU01154
+
–
CINnA
CMPREF
COn
CPn, CNn, OEn = 0 0 0
+
–
CINnA
CMPREF
CMPn
COn
CPn, CNn, OEn = 0 0 1
+
–
CINnA
CMPn
COn
CPn, CNn, OEn = 0 1 1
+
–
CINnB
CMPREF
CMPn
COn
CPn, CNn, OEn = 1 0 1
+
–
CINnB
CMPn
COn
CPn, CNn, OEn = 1 1 1
CPn, CNn, OEn = 0 1 0
CPn, CNn, OEn = 1 0 0
CPn, CNn, OEn = 1 1 0
+
–
CINnA
Vref (1.23V)
COn
+
–
CINnB
CMPREF
COn
+
–
CINnB
COn
Figure 6. Comparator Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com