| Electronic Components Datasheet Search |
|
SPC584N80C3RMSBY Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584N80C3RMSBY Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 158 page ![]() DS11734 Rev 6 11/158 SPC584Nx, SPC58ENx, SPC58NNx Introduction 12 1.5 Features On-chip modules within SPC58xNx include the following features: • Three enhanced main CPUs, dual issue, 32-bit CPU core complexes (e200z4256n3), two of them having a checker core in lock-step. – Power Architecture embedded specification compliance – Instruction set enhancement allowing variable length encoding (VLE), encoding a mix of 16-bit and 32-bit instructions, for code size footprint reduction – Single-precision floating point operations – Lightweight signal processing auxiliary processing unit (LSP APU) instruction support for digital signal processing (DSP on Core_2) – 32 KB Local instruction RAM and 128 KB local data RAM for Core_0, Core_1 and Core_2 – 16 KB I-Cache and 8 KB D-Cache for Core_0, Core_1 and Core_2 • 6582 KB on-chip Flash – Supports read during program and erase operations, and multiple blocks allowing EEPROM emulation – Supports read while read between the two code Flash partitions. • 128 KB on-chip general-purpose SRAM (+ 384 KB data RAM included in the CPUs) • Multi channel direct memory access controllers (eDMA paired in lock-step) – One eDMA with 64 channels – One eDMA with 32 channels • One interrupt controller (INTC) in lock-step • Dual phase-locked loops with stable clock domain for peripherals and FM modulation domain for computational shell • Dual crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from multiple bus masters with end-to-end ECC • Hardware security module (HSM) to provide robust integrity checking of Flash memory • System integration unit lite (SIUL) • Boot assist Flash (BAF) supports factory programming using a serial bootload through the asynchronous CAN or LIN/UART. • GTM344 - generic timer module – Intelligent complex timer module – 144 channels (48 input and 96 output) – 5 programmable fine grain multi-threaded cores – 61 KB of dedicated RAM – 24-bit wide channels – Hardware support for engine control, motor control and safety related applications • Enhanced analog-to-digital converter system with – One supervisor 12-bit SAR analog converter – Four separate fast 12-bit SAR analog converters – Two separate 10-bit SAR analog converters – Six separate 16-bit Sigma-Delta analog converters • Eight deserial serial peripheral interface (DSPI) modules |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |