Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RMSBY Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPC584N80C3RMSBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RMSBY Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPC584N80C3RMSBY Datasheet HTML 142Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 143Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 144Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 145Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 146Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 147Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 148Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 149Page - STMicroelectronics SPC584N80C3RMSBY Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 158 page
background image
Revision history
SPC584Nx, SPC58ENx, SPC58NNx
146/158
DS11734 Rev 6
6
Revision history
Table 81. Document revision history
Date
Revision
Changes
13-Jul-2016
1
Initial release.
27-Jun-2017
2
Following are the changes for this release of the document:
Updated the cover page.
Table 2: SPC58xNx feature summary:
– Updated the table.
Section 1.5: Features:
– Updated the bullet points in this section.
Section 3.1: Introduction:
– Removed text “The IPs and...for the details”.
– Removed the two notes.
Chapter 2: Package pinouts and signal descriptions:
– Updated this section.
Table 3: Parameter classifications:
– Updated the description of classification tag “T”.
Table 4: Absolute maximum ratings:
– For parameter “IINJ”, text “DC” removed from description.
– Added text “Exposure to absolute ... reliability”
– Added text “even momentarily”
– Updated values in conditions column.
– Added parameter TTRIN.
– For parameter “TSTG”, maximum value updated from “175” to “125”
– Added new parameter “TPAS”
– For parameter “IINJ”, description updated from “maximum...PAD” to
“maximum DC...pad”
Table 5: Operating conditions:
– Footnote “1.260 V - 1.290 V range .. temperature profile” updated to Text “...
average supply value below or equal to 1.236 V ...”
– Footnote “Positive and negative Dynamic current ... Pulse 3b (ISO 7637-
2:2011 5.6.3)”: Text added “... Pulse 2a(ISO 7637-2:2011 5.6.2) ...”
– Added footnote “The maximum number...” to parameter FSYS.
– For parameter “VDD_LV”, changed the classification from “D” to “P”
– For parameter “VDD_HV_ADR_S-VDD_HV_ADV”, swapped the conditions and
Min columns.
– For parameter “VDD_LV”, updated the table footnote in min column.
– For parameter “VDD_LV”, added footnote “If the internal LVD100...”
– For parameter “VDD_HV_ADR_S”, removed the second row.
– For parameter VDD_HV_ADR_S-VDD_HV_ADV, updated the min value.
– Removed note “Core voltage as ....”
– Changed the max value of parameter VRAMP_LV to “20”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com