Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSSBY Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC584N80C3RSSBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSSBY Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC584N80C3RSSBY Datasheet HTML 85Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 86Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 87Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 88Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 89Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 90Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 91Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 92Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 158 page
background image
DS11734 Rev 6
89/158
SPC584Nx, SPC58ENx, SPC58NNx
Electrical characteristics
92
3.17
Flash memory
The following table shows the Wait State configuration.
The following table shows the Program/Erase Characteristics.
Table 43. Wait State configuration
APC
RWSC
Frequency range (MHz)
000(1)
0f<33
1f<66
2f<100
3f<133
4f<167
5f<200
100(2)
0f<33
1f<66
2f<100
3f<133
4f<167
5f<200
001(3)
255<f<80
355<f<120
455<f<160
555<f<200
1. STD pipelined.
2. No pipeline.
3. Pipeline with 1 Tck address anticipation.
Table 44. Flash memory program and erase specifications
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 250 K
cycles
tdwprogram
Double Word (64 bits)
program time EEPROM
(partitions 2, 3, 4) [Packaged
part]
55
C
130
—
—
140
650
C
µs
tpprogram
Page (256 bits) program time
76
C
240
—
—
255
1000
C
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com