Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSSBY Datasheet(PDF) 137 Page - STMicroelectronics

Part # SPC584N80C3RSSBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSSBY Datasheet(HTML) 137 Page - STMicroelectronics

Back Button SPC584N80C3RSSBY Datasheet HTML 133Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 134Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 135Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 136Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 137Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 138Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 139Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 140Page - STMicroelectronics SPC584N80C3RSSBY Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 158 page
background image
DS11734 Rev 6
137/158
SPC584Nx, SPC58ENx, SPC58NNx
Package information
138
4.2.1
Package mechanical drawings and data information
The following notes are related to Figure 52 and Table 76:
1.
FPBGA stands for Fine Pitch Plastic Ball Grid Array.
Fine pitch: e < 1.00 mm pitch.
Low Profile: The total profile height (Dim A) is measured from the seating plane to the
top of the component.
The maximum total package height is calculated by the following methodology
(tolerance values):
2.
The typical ball diameter before mounting is 0.55mm.
3.
Ref. JEDEC MO_219G_BGA Low Profile, Fine Pitch Ball Grid Array Family, 0.80MM
Pitch (SQ. & RECT.)
4.
The tolerance of position that controls the location of the pattern of balls with respect to
datums A and B. For each ball there is a cylindrical tolerance zone eee perpendicular
to datum C and located on true position with respect to datums A and B as defined by
e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
5.
The tolerance of position that controls the location of the balls within the matrix with
respect to each other. For each ball there is a cylindrical tolerance zone fff
perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
A2
–
0.53
–
A4
–
–
0.80
D
16.85
17.00
17.15
D1
–
15.20
–
E
16.85
17.00
17.15
E1
–
15.20
–
e
–
0.80
–
b(2)
0.50
0.55
0.60
Z
–
0.90
–
aaa
–
–
0.15
bbb
–
–
0.10
ddd(3)
–
–
0.12
eee(4)
–
–
0.15
fff(5)
–
–
0.08
Table 76. FPBGA292 package mechanical data (continued)
Symbol
Dimensions (in millimeter)
Min.
Typ.
Max.
Amax
A1 TYP
() A2 TYP
() A4 TYP
()
A1
()
2
A2
()
2
A4
()
2
++
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com