Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRTR5V0U2AX-Q Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U2AX-Q
Description  Ultra low capacitance double rail-to-rail ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U2AX-Q Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PRTR5V0U2AX-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PRTR5V0U2AX-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
PRTR5V0U2AX-Q
Ultra low capacitance double rail-to-rail ESD protection diode
12. Package outline
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.45
0.15
0.55
0.45
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143B
04-11-16
06-03-16
0
1
2 mm
scale
Plastic surface-mounted package; 4 leads
SOT143B
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
2
1
3
4
b1
bp
Fig. 5. Package outline SOT143B
PRTR5V0U2AX-Q
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
3 May 2022
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com