Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS85222AM-02LF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS85222AM-02LF
Description  1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85222AM-02LF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS85222AM-02LF Datasheet HTML 4Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 5Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 6Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 7Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 8Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 9Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 10Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 11Page - Renesas Technology Corp ICS85222AM-02LF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL
HSTL TRANSLATOR
85222-02 DATA SHEET
8
REVISION B 6/15/15
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for 85222-02 is: 411
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE 8 LEAD SOIC
θ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com