Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSCBY Datasheet(PDF) 143 Page - STMicroelectronics

Part # SPC584N80C3RSCBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSCBY Datasheet(HTML) 143 Page - STMicroelectronics

Back Button SPC584N80C3RSCBY Datasheet HTML 139Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 140Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 141Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 142Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 143Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 144Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 145Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 146Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 158 page
background image
DS11734 Rev 6
143/158
SPC584Nx, SPC58ENx, SPC58NNx
Ordering information
145
5
Ordering information
Figure 53. Ordering information scheme
Note:
Please contact your ST sales office to ask for the availability of a particular commercial
product.
Features (for instance flash, RAM or peripherals) not included in the commercial product
cannot be used. ST cannot be called to take any liability for features used outside the
commercial product.
Memory
Core Product
Package
84
NN
E7
Example code:
Product identifier
R
M
SPC58
H
Safety/
Frequency
B
System
R
Packing
Reserved
Y= Tray
R = Tape and Reel
H = Safety + Security HW
S = Safety HW
C = Security HW (HSM)
O = No option
M = 128 kB SRAM (XBAR_0 + XBAR_1)
S = 64 kB SRAM (XBAR_0)
R = 200 MHz at 150 oC TJ
Y = 200 MHz at 165 oC TJ
C3 = FPBGA292
E7 = eLQFP176
84 = 6 MB
80 = 4 MB
N = SPC58NN84xx family
N = Triple computing e200z4d core
E = Double computing e200z4d core
(CPU_0 + CPU_2)
4 = Single computing e200z4d core
(CPU_2)
SPC58 = Power Architecture in 40 nm
Security
RAM
Table 79. Code Flash options
SPC58xN84 (6M)
SPC58xN80 (4M)
Partition
Start address
End address
16
16
0
0x00FC0000
0x00FC3FFF
16
16
0
0x00FC4000
0x00FC7FFF
16
16
1
0x00FC8000
0x00FCBFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com