Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSCBY Datasheet(PDF) 147 Page - STMicroelectronics

Part # SPC584N80C3RSCBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSCBY Datasheet(HTML) 147 Page - STMicroelectronics

Back Button SPC584N80C3RSCBY Datasheet HTML 143Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 144Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 145Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 146Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 147Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 148Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 149Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 150Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 158 page
background image
DS11734 Rev 6
147/158
SPC584Nx, SPC58ENx, SPC58NNx
Revision history
157
27-Jun-2017
2 (cont’)
Table 6: PRAM wait states configuration:
– Added this new table.
Section 3.6: Temperature profile:
– Added text “Mission profile with junction....representative for validation”.
Table 7: Device supply relation during power-up/power-down sequence:
– Updated the table.
–“VDD_HV_PMC” removed from Supply 2.
Table 9: Device consumption:
– Updated table and its values.
Section 3.8: I/O pad specification:
– Replaced all occurrences of “50 pF load” with “CL=50pF”.
– Removed note “The external ballast....”
Section 3.8.2: I/O output DC characteristics:
– Changed “WEAK” to “WEAK/SLOW”
– Changed “STRONG” to “STRONG/FAST”
– Changed “VERY STRONG” to “VERY STRONG / VERY FAST”
– Added note “10%/90% is the....”
Table 11: I/O input electrical characteristics:
– Added parameter “Vihcmos BD”
– Updated footnote 1
– For parameter Vihcmos BD, replaced classification “P” with “T”, and updated
conditions column.
– Added “Automotive” levels.
– Added note “In case of current...”
– For parameter “Vihcmos BD”, swapped the conditions for off and on.
Table 13: WEAK/SLOW I/O output characteristics:
– Added “10%-90% in description of parameter “tTR_W”.
– For parameter “Fmax_W”, updated condition “25 pF load” to “CL=25pF”
– For parameter “tTR_S”, changed min value (25 pF load) from “4” to “3”
– Changed min value (50 pF load) from “6” to “5”
– For parameter “|tSKEW_W|”, changed max value from “30” to “25”.
Table 14: MEDIUM I/O output characteristics:
– Added “10%-90% in description of parameter “tTR_M”.
– For parameter “|tSKEW_M|”, changed max value from “30” to “25”.
Table 15: STRONG/FAST I/O output characteristics:
– Added “10%-90% in description of parameter “tTR_S”.
– Parameter “IDCMAX_S” updated:
– Condition added “VDD=5V+10%
– Condition added “VDD=3.3V+10%, Max value updated to 5.5mA
– For parameter “|tSKEW_S|”, changed max value from “30” to “25”.
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com