Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSCBY Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPC584N80C3RSCBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSCBY Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPC584N80C3RSCBY Datasheet HTML 145Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 146Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 147Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 148Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 149Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 150Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 151Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 152Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 158 page
background image
DS11734 Rev 6
149/158
SPC584Nx, SPC58ENx, SPC58NNx
Revision history
157
27-Jun-2017
2 (cont’)
Table 26: ADC-Comparator electrical specification:
– Classification for parameter “IADCREFH” changed from “C” to “T”
– Removed table footnote “Values are subject to change (possibly improved to
±2 LSB) after characterization”
– For parameter CP2, updated the max value to “1”.
Table 24: ADC pin specification:
–For ILKG, changed condition “C” to “—”.
Updated Figure 8: Input equivalent circuit (Fast SARn and SARB channels)
Table 30: Temperature sensor electrical characteristics:
– For “temperature monitoring range”, classification removed (was C)
Table 31: LVDS pad startup and receiver electrical characteristics,
– For parameter ILVDS_BIAS, changed the characteristics to “C”
– For parameter RIN (VDD_HV_IO = 3.3 V ± 10% -40 °C<Tj<165 °C), updated
the max value to 160.
Table 32: LFAST transmitter electrical characteristics,,:
– Footnote “The transition time is measured from...” removed.
Table 35: LFAST PLL electrical characteristics:
– Min and Max value of parameter “ERRREF” updated from “TBD” to “-1” and
“+1” respectively
– Max value of parameter “PN” updated from “TBD” to “-58”
– Frequency of parameter “
ΔPERREF” updated from “10MHz” to “20MHz”.
– Max value of parameter “
ΔPERREF” for condition “Single period” updated
from “TBD” to “350”
– Min and Max value of parameter “
ΔPERREF” for condition “Long period”
updated from “TBD” to “-500” and “+500” respectively.
Table 37: Power management regulators:
– Removed text “In parts packaged with LQFP176, the auxiliary and clamp
regulators cannot be enabled” from note 2.
– Added table footnote 4: Parts with SMPS enabled can only be used in this
mode and EXTREG_SEL has to be set to VSS
– Added footnote “Parts with ... be set to VSS” to Bernina.
– Removed note “Standby regulator ..”.
– Removed text “In parts packaged with LQFP176....” from note 2.
Table 38: External components integration:
– For PMOS, replaced “STT4P3LLH6” with “PMPB100XPEA”
– For NMOS, replaced “STT6N3LLH6” with “PMPB55XNEA”
– Added table footnote to typ value of CS2.
– Updated the parameters under ”SMPS Regulator Mode”
– Removed table footnote “External components number.......”
Table 41: SMPS Regulator specifications:
– Removed “Power-up, before trimming, no load”, from VSMPS.
– Updated the Min, Typ, and Max values for “After trimming, max load”
– Added parameter
δFSMPS.
– Updated parameter VSMPS.
– Added new parameter
δFSMPS
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com