Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS85310I-21 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS85310I-21
Description  LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85310I-21 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS85310I-21 Datasheet HTML 1Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 2Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 3Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 4Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 5Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 6Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 7Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 8Page - Renesas Technology Corp ICS85310I-21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
85310I-21 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
4
TABLE 5. AC CHARACTERISTICS, V
CC = VCCO = 2.375V
TO
3.8V, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
700
MHz
t
PD
Propagation Delay; NOTE 1
ƒ
≤ 500MHz
1.7
2.2
ns
tsk(o)
Output Skew; NOTE 2, 4
25
50
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
270
550
ps
tjit
Buffer Additive Phase Jitter, RMS; refer
to Additive Phase Jitter Section
<0.13
ps
t
R
Output Rise Time
20% to 80%
200
700
ps
t
F
Output Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
47
53
%
All parameters measured at 500MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com