Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

87993AYILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 87993AYILF
Description  1-to-5 Differential-to-3.3V LVPECL PLL Clock Driver W/Dynamic Clock Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87993AYILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  87993AYILF Datasheet HTML 1Page - Renesas Technology Corp 87993AYILF Datasheet HTML 2Page - Renesas Technology Corp 87993AYILF Datasheet HTML 3Page - Renesas Technology Corp 87993AYILF Datasheet HTML 4Page - Renesas Technology Corp 87993AYILF Datasheet HTML 5Page - Renesas Technology Corp 87993AYILF Datasheet HTML 6Page - Renesas Technology Corp 87993AYILF Datasheet HTML 7Page - Renesas Technology Corp 87993AYILF Datasheet HTML 8Page - Renesas Technology Corp 87993AYILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REVISION C 2/18/15
87993I DATA SHEET
3
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
TABLE 3C. DIFFERENTIAL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
3.135
3.3
3.465
V
I
EE
Power Supply Current
80
180
mA
I
CCA
Analog Supply Current
15
20
mA
TABLE 3B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
LVCMOS Inputs
2
3.3
V
V
IL
Input Low Voltage
LVCMOS Inputs
-0.3
0.8
V
I
IH
Input High Current
SEL_CLK, MAN_
OVERRIDE
V
IN = VCC = 3.465V
5
µA
nALARM_RESET,
PLL_SEL, nMR
V
IN = VCC = 3.465V
120
µA
I
IL
Input Low Current
SEL_CLK, MAN_
OVERRIDE
V
IN = 0V, VCC = 3.465V
-5
µA
nALARM_RESET,
PLL_SEL, nMR
V
IN = 0V, VCC = 3.465V
-120
µA
V
OH
Output High Voltage; NOTE 1
2.4
V
V
OL
Output Low Voltage; NOTE 1
0.5
V
NOTE 1: Outputs terminated with 50
Ω to V
CC/2. See Parameter Measurement Information Section,
“3.3V Output Load AC Test Circuit diagram”.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK0, CLK1, EXT_
FB
V
IN = VCC = 3.465V
5
µA
nCLK0, nCLK1,
nEXT_FB
V
IN = VCC = 3.465V
120
µA
I
IL
Input Low Current
CLK0, CLK1, EXT_
FB
V
IN = 0V, VCC = 3.465V
-5
µA
nCLK0, nCLK1,
nEXT_FB
V
IN = 0V, VCC = 3.465V
-120
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage; NOTE 1, 2
V
EE + 0.5
V
CC - 0.85
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended appliations, the maximum input voltage for CLK, nCLK is V
CC + 0.3V.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com