Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3238CA/TR Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3238CA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CA/TR Datasheet(HTML) 2 Page - Sipex Corporation

  SP3238CA/TR Datasheet HTML 1Page - Sipex Corporation SP3238CA/TR Datasheet HTML 2Page - Sipex Corporation SP3238CA/TR Datasheet HTML 3Page - Sipex Corporation SP3238CA/TR Datasheet HTML 4Page - Sipex Corporation SP3238CA/TR Datasheet HTML 5Page - Sipex Corporation SP3238CA/TR Datasheet HTML 6Page - Sipex Corporation SP3238CA/TR Datasheet HTML 7Page - Sipex Corporation SP3238CA/TR Datasheet HTML 8Page - Sipex Corporation SP3238CA/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
InputVoltages
TxIN, ONLINE,
SHUTDOWN, .....................................-0.3V to +6.0V
RxIN...................................................................+25V
OutputVoltages
TxOUT.............................................................+13.2V
RxOUT, STATUS.......................-0.3V to (V
CC + 0.3V)
Short-CircuitDuration
TxOUT.....................................................Continuous
Storage Temperature......................-65°C to +150°C
Power Dissipation per package
28-pin SSOP
(derate 11.2mW/oC above +70oC).................900mW
28-pin TSSOP
(derate 13.2mW/oC above +70oC)...............1100mW
ELECTRICAL CHARACTERISTICS
V
CC = +3.0 to +5.5, C1 -C4 = 0.1µF (tested at 3.3V + 5%), C1-C4 = 0.22µF (tested at 3.3V + 10%), C1 = 0.047µF, and C2-C4 = 0.33µF (tested at 5.0V
+ 10%), T
A = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
D
E
N
I
L
-
N
O
O
T
U
A
,
t
n
e
r
r
u
C
y
l
p
p
u
S
®
0
.
10
1
µA
,
D
N
G
=
E
N
I
L
N
O
,
n
e
p
o
N
I
x
R
ll
A
V
=
N
W
O
D
T
U
H
S
C
C
D
N
G
=
N
I
x
T
ll
a
,
V
r
o
C
C
n
w
o
d
t
u
h
S
,
t
n
e
r
r
u
C
y
l
p
p
u
S0
.
10
1
µA
D
N
G
=
N
I
x
T
ll
a
,
D
N
G
=
N
W
O
D
T
U
H
S
V
r
o
C
C
E
N
I
L
-
N
O
O
T
U
A
,
t
n
e
r
r
u
C
y
l
p
p
u
S
®
d
e
l
b
a
s
i
D
3
.
00
.
1
A
m
V
=
N
W
O
D
T
U
H
S
=
E
N
I
L
N
O
C
C ,
V
r
o
D
N
G
=
N
I
x
T
ll
a
,
d
a
o
l
o
n
C
C
S
T
U
P
T
U
O
R
E
V
I
E
C
E
R
D
N
A
S
T
U
P
N
I
C
I
G
O
L
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I
W
O
L
H
G
I
H
4
.
2
8
.
0V
V
C
C
N
I
x
T
,
V
0
.
5
+
r
o
V
3
.
3
+
=
N
W
O
D
T
U
H
S
,
E
N
I
L
N
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I+
1
0
.
0+ 0
.
1
µA
N
W
O
D
T
U
H
S
,
E
N
I
L
N
O
,
N
I
x
T
T
A
C
°
5
2
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O+
5
0
.
0+ 0
1
µA
d
e
l
b
a
s
i
D
s
r
e
v
i
e
c
e
R
W
O
L
e
g
a
t
l
o
V
t
u
p
t
u
O4
.
0V
I
T
U
O
A
m
6
.
1
=
H
G
I
H
e
g
a
t
l
o
V
t
u
p
t
u
OV
C
C
6
.
0
-V
C
C
1
.
0
-V
I
T
U
O
A
m
0
.
1
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com