Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3238CY/TR Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3238CY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CY/TR Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3238CY/TR Datasheet HTML 2Page - Sipex Corporation SP3238CY/TR Datasheet HTML 3Page - Sipex Corporation SP3238CY/TR Datasheet HTML 4Page - Sipex Corporation SP3238CY/TR Datasheet HTML 5Page - Sipex Corporation SP3238CY/TR Datasheet HTML 6Page - Sipex Corporation SP3238CY/TR Datasheet HTML 7Page - Sipex Corporation SP3238CY/TR Datasheet HTML 8Page - Sipex Corporation SP3238CY/TR Datasheet HTML 9Page - Sipex Corporation SP3238CY/TR Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
6
Figure 4. SP3238 Pinout Configuration
Figure 3. Supply Current VS. Load Capacitance when
Transmitting Data
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
SUPPLY CURRENT vs LOAD CAPACITANCE
0
10
20
30
40
50
60
0
1000
2000
3000
4000
5000
pF
250Kbps
120Kbps
20Kbps
T4IN
1
2
3
4
25
26
27
28
5
6
7
24
23
22
SHUTDOWN
C2-
V-
R1IN
R2IN
R3IN
ONLINE
C2+
C1-
GND
VCC
V+
T1IN
8
9
10
11
18
19
20
21
12
13
14
17
16
15
T1OUT
T2OUT
T3OUT
T3IN
T2IN
T5IN
R3OUT
R2OUT
R1OUT
R1OUT
SP3238
C1+
T4OUT
T5OUT
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com