Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSSBR Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC584N80C3RSSBR
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSSBR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC584N80C3RSSBR Datasheet HTML 15Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 16Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 17Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 18Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 19Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 20Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 21Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 22Page - STMicroelectronics SPC584N80C3RSSBR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 158 page
background image
DS11734 Rev 6
19/158
SPC584Nx, SPC58ENx, SPC58NNx
Electrical characteristics
21
VSS_HV_ADR_D
SR
P
SD ADC
ground
reference
voltage
—VSS_HV_ADV
V
VSS_HV_ADR_D-
VSS_HV_ADV
SR
D
VSS_HV_ADR_D
differential
voltage
—
–25
—
25
mV
VDD_HV_ADR_S
SR
P
SAR ADC
reference
voltage
—
3.0
—
5.5
V
VDD_HV_ADR_S-
VDD_HV_ADV
SR
D
SAR ADC
reference
differential
voltage
—
VDD_HV_ADV
-10%
—25
mV
VSS_HV_ADR_S
SR
P
SAR ADC
ground
reference
voltage
—VSS_HV_ADV
V
VSS_HV_ADR_S-
VSS_HV_ADV
SR
D
VSS_HV_ADR_S
differential
voltage
—
–25
—
25
mV
VRAMP_LV
SR
D
Slew rate on
core power
supply pins
VDD_LV
VDD_LV_BD
——
20
V/ms
VRAMP_HV
SR
D
Slew rate on
HV power
supply
——
—
100
V/ms
VIN
SR
P
I/O input
voltage range
—0
—
5.5
V
IINJ1
SR
T
DC Injection
current (per
pin) without
performance
degradation(9)
(10) (11)
Digital pins and
analog pins
–3.0
—
3.0
mA
IINJ2
SR
D
Dynamic
Injection
current (per
pin) with
performance
degradation(11)
(12)
Digital pins and
analog pins
–10
—
10
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. The maximum number of PRAM wait states has to be configured accordingly to the system clock frequency. Refer to
Table 6.
Table 5. Operating conditions (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com