Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSCBR Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC584N80C3RSCBR
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSCBR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC584N80C3RSCBR Datasheet HTML 12Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 13Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 14Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 15Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 16Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 17Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 18Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 19Page - STMicroelectronics SPC584N80C3RSCBR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 158 page
background image
Electrical characteristics
SPC584Nx, SPC58ENx, SPC58NNx
16/158
DS11734 Rev 6
VIN
SR
D
I/O input voltage
range(3)(4) (5)
—
–0.3
—
6.0
V
Relative to Vss
–0.3
—
—
Relative to
VDD_HV_IO and
VDD_HV_ADV
——
0.3
TTRIN
SR
D
Digital Input pad
transition time(6)
——
—
1
ms
IINJ
SR
T
Maximum DC
injection current
for each
analog/digital
PAD(7)
—–5
—
5
mA
TSTG
SR
T
Maximum non-
operating
Storage
temperature
range
—
–55
—
125
°C
TPAS
SR
C
Maximum non-
operating
temperature
during passive
lifetime
—–55
—
150(8)
°C
TSTORAGE
SR
—
Maximum
storage time,
assembled part
programmed in
ECU
No supply; storage
temperature in
range –40 °C to
60 °C
—
—
20
years
TSDR
SR
T
Maximum solder
temperature Pb-
free packaged(9)
——
—
260
°C
MSL
SR
T
Moisture
sensitivity
level(10)
——
—
3
—
TXRAY dose
SR
T
Maximum
cumulated
XRAY dose
Typical range for
X-rays source
during
inspection:80 ÷
130 KV; 20 ÷
50
μA
——
1
grey
Table 4. Absolute maximum ratings (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com