Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC762 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P87LPC762
Description  Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC762 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P87LPC762 Datasheet HTML 29Page - NXP Semiconductors P87LPC762 Datasheet HTML 30Page - NXP Semiconductors P87LPC762 Datasheet HTML 31Page - NXP Semiconductors P87LPC762 Datasheet HTML 32Page - NXP Semiconductors P87LPC762 Datasheet HTML 33Page - NXP Semiconductors P87LPC762 Datasheet HTML 34Page - NXP Semiconductors P87LPC762 Datasheet HTML 35Page - NXP Semiconductors P87LPC762 Datasheet HTML 36Page - NXP Semiconductors P87LPC762 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Philips Semiconductors
Preliminary data
87LPC762
Low power, low price, low pin count (20 pin)
microcontroller with 2 kbyte OTP
2001 Oct 26
30
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer
register (THn and TLn) are used. See Figure 25
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with
automatic reload, as shown in Figure 26. Overflow from TLn not only
sets TFn, but also reloads TLn with the contents of THn, which must
be preset by software. The reload leaves THn unchanged. Mode 2
operation is the same for Timer 0 and Timer 1.
Mode 3
When Timer 1 is in Mode 3 it is stopped. The effect is the same as
setting TR1 = 0.
Timer 0 in Mode 3 establishes TL0 and TH0 as two separate 8-bit
counters. The logic for Mode 3 on Timer 0 is shown in Figure 27.
TL0 uses the Timer 0 control bits: C/T, GATE, TR0 and pin INT0,
and TF0. TH0 is locked into a timer function (counting machine
cycles) and takes over the use of TR1 and TF1 from Timer 1. Thus,
TH0 now controls the “Timer 1” interrupt.
Mode 3 is provided for applications that require an extra 8-bit timer.
With Timer 0 in Mode 3, an 87LPC762 can look like it has three
Timer/Counters. When Timer 0 is in Mode 3, Timer 1 can be turned
on and off by switching it into and out of its own Mode 3. It can still
be used by the serial port as a baud rate generator, or in any
application not requiring an interrupt.
SU01174
TLn
(8 BITS)
THn
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
Tn PIN
TnOE
TOGGLE
CONTROL
C/T = 1
C/T = 0
Tn PIN
TRn
GATE
INTn PIN
INTERRUPT
TFn
Figure 25. Timer/Counter 0 or 1 in Mode 1 (16-Bit Counter)
SU01392
TLn
(8 BITS)
THn
(8 BITS)
OSC/6
or
OSC/12
OVERFLOW
Tn PIN
TnOE
TOGGLE
CONTROL
C/T = 1
C/T = 0
Tn PIN
TRn
GATE
INTn PIN
INTERRUPT
TFn
RELOAD
Figure 26. Timer/Counter 0 or 1 in Mode 2 (8-Bit Auto-Reload)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com